|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MIC860 Micrel, Inc. MIC860 TeenyTM Ultra Low Power Op Amp General Description The MIC860 is a rail-to-rail output, operational amplifier in TeenyTM SC70 packaging. The MIC860 provides 4MHz gain-bandwidth product while consuming an incredibly low 30A supply current. The SC70 packaging achieves significant board space savings over devices packaged in SOT-23 or MSOP-8 packaging. The SC70 occupies approximately half the board area of a SOT-23 package. Features * * * * * * * TeenyTM SC70 packaging 4MHz gain-bandwidth product 30A supply current Rail-to-Rail output Ground sensing at input common mode to GND Common mode to GND Drive large capactive loads Applications * * * * * Portable equipment PDAs Pagers Cordless Phones Consumer Electronics Ordering Information Part Number Standard MIC860BC5 Marking A32 Pb-Free MIC860YC5 Marking* A32 Ambient Temp. Range -40C to +85C Package SC-70-5 * Underbar marking may not be to scale. Pin Configuration Functional Pinout IN- 3 V- 2 IN+ 1 A32 4 5 Part Identification IN- V- 3 IN+ 1 2 OUT V+ 4 5 OUT V+ SC-70 Teeny is a trademark of Micrel, Inc. Micrel, Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel + 1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com February 2006 1 M9999-022706 MIC860 Micrel, Inc. Absolute Maximum Ratings (Note 1) Supply Voltage (VV+ - V-) .......................................... +6.0V Differentail Input Voltage (VIN+ - VIN-), Note 4 ...... +6.0V Input Voltage (VIN+ - VIN-) ...................V+ + 0.3V, V- -0.3V Lead Temperature (soldering, 5 sec.) ........................ 260C Output Short Circuit Current Duration ...................Indefinite Storage Temperature (TS) ......................................... 150C ESD Rating, Note 3 Operating Ratings (Note 2) Supply Voltage (V+ - V-) ........................ +2.43V to +5.25V Ambient Temperature Range...................... -40C to +85C Package Thermal Resistance................................ 450C/W Electrical Characteristics V+ = +2.7V, V- = 0V, VCM = V+/2; RL= 500k to V+/2; TA= 25C, unless otherwise noted. Bold values indicate -40C TA +85C. Symbol Parameter Condition Min Typ Max Units VOS Input Offset Voltage Input Offset Voltage Temp Coefficient IB Input Bias Current Input Offset Current Input Voltage Range Common-Mode Rejection Ratio Power Supply Rejection Ratio Large-Signal Voltage Gain CMRR > 60dB Supply voltage change of 3V RL = 100k, VOUT 2V peak to peak Maximum Output Voltage Swing Minimum Output Voltage Swing Gain-Bandwidth Product Slew Rate Short-Circuit Output Current Supply Current Source Sink No Load 4.5 10 RL = 500k, VOUT 2V peak to peak RL = 500k RL = 500k RL = 5k RL = 5k RL = 5k, VOUT 2V peak to peak 0 < VCM < 1.35V 1 38 40 50 66 76 IOS -20 -25 20 20 10 1.8 76 78 66 81 91 -5 15 20 mV mV V/C pA pA V dB dB dB dB dB V V mV mV MHz V/s mA mA 50 A VCM CMRR PSRR AVOL VOUT VOUT GBW SR ISC IS V+-70mV V+-34mV V+-2mV V+-0.7mV V-+11mV V-+ 50mV V-+0.2mV V-+ 2mV 4 3 6 16 30 VOS IB V+= +5V, V-= 0V, VCM= V+/2; RL= 500k to V+/2; TA= 25C, unless otherwise noted. Bold values indicate -40C TA +85C. Input Offset Voltage Input Bias Current Input Offset Current Input Voltage Range Common-Mode Rejection Ratio Power Supply Rejection Ratio Large-Signal Voltage Gain CMRR > 60dB Supply voltage change of 1V RL = 100k, VOUT 4.8V peak to peak RL = 500k, VOUT 4.8V peak to peak RL = 5k, VOUT 4.8V peak to peak 0 < VCM < 3.5V 3.5 44 40 52 67 75 -20 -5 20 Input Offset Voltage Temp Coefficient 20 20 10 4.2 77 79 66 80 90 mV V/C pA pA V dB dB dB dB dB IOS VCM CMRR PSRR AVOL M9999-022706 2 February 2006 MIC860 Symbol VOUT VOUT GBW SR ISC IS Note 1. Note 2. Note 3. Note 4. Micrel, Inc. Parameter Maximum Output Voltage Swing Minimum Output Voltage Swing Gain-Bandwidth Product Slew Rate Short-Circuit Output Current Supply Current Source Sink No Load Exceeding the absolute maximum rating may damage the device. The device is not guaranteed to function outside its operating rating. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Pin 4 is ESD sensetive Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is likely to increase. Condition RL = 500k RL = 500k RL = 5k RL = 5k Min V+-35mV Typ V+-4mV Max Units V V mV mV MHz V/s mA mA V+-75mV V+-37mV V-+14mV V-+ 40mV V-+0.4mV V-+ 5mV 4 3 15 30 23 47 33 55 A February 2006 3 M9999-022706 MIC860 Micrel, Inc. Test Circuits Test Circuit 1. AV = 10 Test Circuit 2. AV = 2 Test Circuit 3. AV = 1 V+ 10F 100F Test Circuit 4. AV = -1 Input BNC 50 10F 48k 10k 50 0.1F 4 170k 2 10k 3 MIC860 5 1 BNC Output 0.1F All resistors: 1% metal film 100F 10F V-- Test Circuit 5. Positive Power Supply Rejection Ratio Measurement M9999-022706 4 February 2006 MIC860 Micrel, Inc. Typical Characteristics Supply Current vs. Temperature 39 37 35 33 31 29 27 -3 -3.5 5V Offset Voltage vs. Temperature 5V 30 25 20 Short Circuit Current (source) vs. Temperature -4 -4.5 2.7V 5V 15 10 5 2.7V 2.7V -5 -5.5 -6 -40 -20 0 20 40 60 80 100 TEMPERATURE (C) 25 -40 -20 0 20 40 60 80 100 TEMPERATURE (C) 0 -40 -20 0 20 40 60 80 100 TEMPERATURE (C) Short Circuit Current (sink) vs. Temperature 0 -10 -20 -30 -40 -50 -60 -40 -20 0 20 40 60 80 100 TEMPERATURE (C) 5V 2.7V 41 39 37 35 33 Supply Current vs. Supply Voltage -40C 31 +25C 29 27 +85C 25 0.5 V+ = 5V 1 1.5 2 2.5 3 SUPPLY VOLTAGE (V) 5 4.5 4 -40C 3.5 3 2.5 2 +25C 1.5 1 0.5 V+ = 5V +85C 0 0 5 10 15 20 25 30 OUTPUT CURRENT (mA) Output Voltage vs. Output Current (Sourcing) 6 5 4 3 2 1 0 0 Output Voltage vs. Output Current (Sinking) +85C +25C -40C 30 25 20 15 10 5 Short Circuit Current vs. Supply Voltage (Sourcing) -40C 60 50 Short Circuit Current vs. Supply Voltage (Sinking) -40C +25C +85C 40 30 20 10 +25C +85C V+ = 5V 10 20 30 40 50 60 OUTPUT CURRENT (mA) 0 0 V+ = 5V 0.5 1 1.5 2 2.5 3 SUPPLY VOLTAGE (V) 0 0 V+ = 5V 0.5 1 1.5 2 2.5 3 SUPPLY VOLTAGE (V) 2.5 2 1.5 1 0.5 Offset Voltage vs. Common-Mode Voltage V+ = 5V -40C +25C +85C 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 COMMON-MODE VOLTAGE (V) 2.2 2.0 1.8 -40C 1.6 1.4 1.2 +25C 1.0 0.8 +85C 0.6 0.4 0.2 Supply = 2.7V 0 0 0.54 1.08 1.62 2.16 2.7 COMMON-MODE VOLTAGE (V) Offset Voltage vs. Common-Mode Voltage 4.5 4 3.5 3 VCC = 5V 2.5 2 1.5 1 0.5 0 V = 2.7V -0.5 CC 0.1 1 10 100 1000 10000 RESISTIVE LOAD (k) Output Voltage Swing vs. Resistive Load (Sinking) February 2006 5 M9999-022706 MIC860 Micrel, Inc. 5.5 4.5 3.5 2.5 1.5 0.5 Output Voltage Swing vs. Resistive Load (Sourcing) VCC = 5V 100 Open Loop Gain vs. Resistive Load VCC = 5.0V VCC = 2.7V 80 VCC = 2.7V -0.5 0.1 1 10 100 1000 10000 RESISTIVE LOAD (k) 60 1 10 100 1000 10000 RESISTIVE LOAD (k) M9999-022706 6 February 2006 MIC860 Micrel, Inc. Functional Characteristics Gain Bandwidth and Phase Margin 50 40 30 20 10 0 -10 225 180 135 90 45 0 -45 -90 -135 -180 -225 25 20 15 10 Gain Frequency Response 225 180 135 90 45 0 -45 -90 -135 -180 -225 25 20 15 10 5 0 -5 Unity Gain Frequency Response 225 180 135 90 45 0 -45 -90 -135 -180 -225 5 0 V CC = 5V -10 A = 2 V -15 C = 2pF L -20 R = 5k L -25 1x104 1x107 1x104 2x107 1x104 1x105 1x106 1x105 1x107 1x105 1x106 25 20 15 10 5 0 -5 Unity Gain Frequency Response 225 180 135 90 45 0 -45 -90 -135 -180 -225 4 3.5 3 2.5 Gain Bandwidth vs. Capacitve Load VCC = 5.0V 90 80 70 60 50 40 30 20 PSRR vs. Frequency 1x104 1x105 1x107 1x106 2x107 1x101 1x102 1x103 4 1x105 1x100 1x10 FREQUENCY (Hz) 90 80 70 60 50 40 30 20 PSRR vs. Frequency 10 VCC = 5V 1x101 1x102 1x103 1x105 1x100 1x10 1x10 0 4 FREQUENCY (Hz) February 2006 7 6 M9999-022706 1x10 6 V CC = 2.7V -10 R = 5k L -15 C = 2pF L -20 A = 1 V -25 2 VCC = 2.7V 1.5 Note: To drive capacitive load, 1 a 500 series resistor would 0.5 help stablize the circuit 0 1 10 100 1000 CAPACITIVE LOAD (pF) 10 VCC = 2.7V 0 1x107 2x107 2x107 1x106 V CC = 5V -20 A V = 10 -30 R = 1M L -40 C = 2pF L -50 -5 V CC = 5V -10 R L = 5k -15 C = 2pF L -20 A = 1 V -25 MIC860 Micrel, Inc. Small Signal Response Test Circuit 3: AV = 1 AV = 1 V+ = 2.7V CL = 2 pF RL = 5k Small Signal Response Test Circuit 3: AV = 1 AV = 1 V+ = 5V CL = 2 pF RL = 5k TIME 500ns/div TIME 500ns/div Small Signal Response Test Circuit 3: AV = 1 AV = 1 V+ = 2.7V CL = 50pF RL = 5k AV = 1 V+ = 5V CL = 50pF RL = 5k Small Signal Response Test Circuit 3: AV = 1 TIME 500ns/div TIME 500ns/div Smal Signal Response Test Circuit 3: AV = 1 AV = 1 V+ = 2.7V CL = 50pF RL = 500 Smal Signal Response Test Circuit 3: AV = 1 AV = 1 V+ = 5V CL = 50pF RL = 500 TIME 500ns/div TIME 500ns/div M9999-022706 8 February 2006 MIC860 Smal Signal Response Test Circuit 3: AV = 1 AV = 1 V+ = 2.7V CL = 2pF RL = 1M Micrel, Inc. V+ RL V- CL TIME 500ns/div Small Signal Response Test Circuit 4: AV = -1 AV = -1 V+= 2.7V CL = 2pF RL = 1M Small Signal Response Test Circuit 4: AV = -1 AV = -1 V+= 5V CL = 2pF RL = 1M OUTPUT 50mV/div TIME 500ns/div TIME 500ns/div Small Signal Response Test Circuit 4: AV = -1 AV = -1 V+= 2.7V CL = 2pF RL = 5k Small Signal Response Test Circuit 4: AV = -1 AV = -1 V+= 5V CL = 2pF RL = 5k TIME 500ns/div TIME 500ns/div February 2006 9 M9999-022706 MIC860 Micrel, Inc. Rail to Rail Output Operation Test Circuit 2: AV = 2 Rail to Rail Output Operation Test Circuit 2: AV = 2 VP-P = 2.7V VP-P = 5V AV = 2 V+ = 2.7V CL = 2pF RL = 1M AV = 2 V+ = 5V CL = 2pF RL = 1M TIME 250s/div TIME 250s/div Rail to Rail Output Operation Test Circuit 2: AV = 2 Rail to Rail Output Operation Test Circuit 2: AV = 2 VP-P = 2.7V VP-P = 5V AV = 2 V+ = 2.7V CL = 2pF RL = 5k AV = 2 V+ = 5V CL = 2pF RL = 5k TIME 250s/div TIME 250s/div Large Signal Pulse Response Test Circuit 3: AV = 1 AV = 1 CL = 2pF RL = 5k V+ = 5V V = 2.84V t = 700ns OUTPUT 50mV/div Large Signal Pulse Response Test Circuit 3: AV = 1 AV = 1 CL = 50pF RL = 5k V+ = 2.7V V = 730mV t = 300ns Rise Slew Rate = 4.1V/s Fall Slew Rate = 2.9V/s TIME 5s/div Rise Slew Rate = 2.4V/s Fall Slew Rate = 4.7V/s TIME 5s/div M9999-022706 10 February 2006 MIC860 Micrel, Inc. Applications Information Power Supply Bypassing Regular supply bypassing techniques are recommended. A 10F capacitor in parallel with a 0.1F capacitor on both the positive and negative supplies are ideal. For best performance all bypassing capacitors should be located as close to the op amp as possible and all capacitors should be low ESL (equivalent series inductance), ESR (equivalent series resistance). Surface-mount ceramic capacitors are ideal. Supply and Loading Considerations The MIC860 is intended for single supply applications configured with a grounded load. It is not advisable to operate the MIC860 with either: 1). A grounded load and split supplies (+/-V) or 2). A single supply where the load is terminated above ground. Under the above conditions, if the load is less than 20kOhm and the output swing is greater than 1V(peak), there may be some instability when the output is sinking current. February 2006 11 M9999-022706 MIC860 Micrel, Inc. Package Information SC70-5 MICREL INC. TEL + 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA This information furnished by Micrel in this data sheet is believed to be accurate and reliable. However no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2002 Micrel, Inc. M9999-022706 12 February 2006 |
Price & Availability of MIC860 |